データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBA4086Z データシート(PDF) 5 Page - RF Micro Devices

部品番号 SBA4086Z
部品情報  DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBA4086Z データシート(HTML) 5 Page - RF Micro Devices

  SBA4086Z Datasheet HTML 1Page - RF Micro Devices SBA4086Z Datasheet HTML 2Page - RF Micro Devices SBA4086Z Datasheet HTML 3Page - RF Micro Devices SBA4086Z Datasheet HTML 4Page - RF Micro Devices SBA4086Z Datasheet HTML 5Page - RF Micro Devices SBA4086Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS110708
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBA4086Z
PCB Pad Layout
Pin
Function
Description
1RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of opera-
tion.
2, 4
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as
possible.
3RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC-blocking capacitor is necessary for
proper operation.
PCB Pad Layout
Dimensions in inches [millimeters]



Html Pages

1 2 3 4 5 6