| データシートサーチシステム |
|
IRF6723M2DPBF データシート(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF6723M2DPBF データシート(HTML) 10 Page - International Rectifier |
|
10 / 10 page ![]() IRF6723M2DTR/TR1PbF 10 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified to MSL1 rating for the Consumer market. Additional storage requirement details for DirectFET products can be found in application note AN1035 on IRs Web site. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/2009 DirectFET Tape & Reel Dimension (Showing component orientation). REEL DIMENSIONS NOTE: Controlling dimensions in mm Std reel quantity is 4800 parts. IRF6723M2D STANDARD OPTION (QTY 4800) MIN 330.0 20.2 12.8 1.5 100.0 N.C 12.4 11.9 CODE A B C D E F G H MAX N.C N.C 13.2 N.C N.C 18.4 14.4 15.4 MIN 12.992 0.795 0.504 0.059 3.937 N.C 0.488 0.469 MAX N.C N.C 0.520 N.C N.C 0.724 0.567 0.606 METRIC IMPERIAL LOADED TAPE FEED DIRECTION MIN 7.90 3.90 11.90 5.45 5.10 6.50 1.50 1.50 NOTE: CONTROLLING DIMENSIONS IN MM CODE A B C D E F G H MAX 8.10 4.10 12.30 5.55 5.30 6.70 N.C 1.60 MIN 0.311 0.154 0.469 0.215 0.201 0.256 0.059 0.059 MAX 0.319 0.161 0.484 0.219 0.209 0.264 N.C 0.063 DIMENSIONS METRIC IMPERIAL |