| データシートサーチシステム |
|
IRFHM830DPBF データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFHM830DPBF データシート(HTML) 8 Page - International Rectifier |
|
8 / 9 page ![]() IRFHM830DPbF 8 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback June 6, 2014 PQFN 3.3x3.3 Outline Tape and Reel Bo W P1 Ao Ko CODE TAPE DIMENSIONS REEL DIMENSIONS QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Dimension design toaccommodatethecomponent width Dimension design toaccommodatethecomponent lenght Dimension design toaccommodate thecomponent thickness Pitch between successivecavitycenters Overall width of thecarrier tape Bo W P1 Ao Ko DIMENSION (MM) CODE MIN MAX DIMENSION (INCH) MIN MAX 3.50 3.70 .138 .146 1.10 1.30 7.90 8.10 .043 .051 11.80 12.20 .311 .319 12.30 12.50 .465 .480 .484 .492 3.50 3.70 .138 .146 DESCRIPTION W1 Qty 4000 Reel Diameter 13 Inches Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ |