| データシートサーチシステム |
|
IRFS7430PBF データシート(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS7430PBF データシート(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRFS/SL7430PbF www.irf.com © 2014 International Rectifier Submit Datasheet Feedback November 6, 2014 11 Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ D2Pak (TO-263AB) Tape & Reel Information Dimensions are shown in millimeters (inches) 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. |