データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFS7530PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRFS7530PBF
部品情報  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFS7530PBF データシート(HTML) 1 Page - International Rectifier

  IRFS7530PBF Datasheet HTML 1Page - International Rectifier IRFS7530PBF Datasheet HTML 2Page - International Rectifier IRFS7530PBF Datasheet HTML 3Page - International Rectifier IRFS7530PBF Datasheet HTML 4Page - International Rectifier IRFS7530PBF Datasheet HTML 5Page - International Rectifier IRFS7530PBF Datasheet HTML 6Page - International Rectifier IRFS7530PBF Datasheet HTML 7Page - International Rectifier IRFS7530PBF Datasheet HTML 8Page - International Rectifier IRFS7530PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
StrongIRFET™
IRFB7530PbF
IRFS7530PbF
IRFSL7530PbF
HEXFET® Power MOSFET
D
S
G
Application
 Brushed Motor drive applications
 BLDC Motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Benefits
 Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free, RoHS Compliant
VDSS
60V
RDS(on) typ.
1.65m

max
2.00m

ID (Silicon Limited)
295A
ID (Package Limited)
195A
 
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
TO-220AB
IRFB7530PbF
D2Pak
IRFS7530PbF
TO-262
IRFSL7530PbF
S
D
G
S
D
G
S
D
G
D
G
D
S
Gate
Drain
Source
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRFB7530PbF
TO-220
Tube
50
IRFB7530PbF
IRFSL7530PbF
TO-262
Tube
50
IRFSL7530PbF
IRFS7530PbF
Tube
50
IRFS7530PbF
Tape and Reel Left
800
IRFS7530TRLPbF
D2-Pak
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited by package
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
1
2
3
4
5
6
7
ID = 100A
TJ = 25°C
TJ = 125°C
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014


同様の部品番号 - IRFS7530PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFS7530PbF IRF-IRFS7530PbF Datasheet
661Kb / 13P
Brushed Motor drive applications
More results

同様の説明 - IRFS7530PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
Brushed Motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
Brushed motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com