| データシートサーチシステム |
|
IRFS7762PBF データシート(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS7762PBF データシート(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRFS/SL7762PbF 11 www.irf.com © 2015 International Rectifier Submit Datasheet Feedback February 19, 2015 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. D2Pak (TO-263AB) Tape & Reel Information (Dimensions are shown in millimeters (inches)) Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ |