データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX132 データシート(PDF) 1 Page - Maxim Integrated Products

部品番号 MAX132
部品情報  짹18-Bit ADC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX132 データシート(HTML) 1 Page - Maxim Integrated Products

  MAX132 Datasheet HTML 1Page - Maxim Integrated Products MAX132 Datasheet HTML 2Page - Maxim Integrated Products MAX132 Datasheet HTML 3Page - Maxim Integrated Products MAX132 Datasheet HTML 4Page - Maxim Integrated Products MAX132 Datasheet HTML 5Page - Maxim Integrated Products MAX132 Datasheet HTML 6Page - Maxim Integrated Products MAX132 Datasheet HTML 7Page - Maxim Integrated Products MAX132 Datasheet HTML 8Page - Maxim Integrated Products MAX132 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX132 is a CMOS, 18-bit plus sign, serial-output,
analog-to-digital converter (ADC). Multi-slope integra-
tion provides high-resolution conversions in less time
than standard integrating ADCs, allowing operation up
to 100 conversions per second. Low conversion noise
provides guaranteed operation with ±512mV full-scale
input range (2µV/LSB). A simple 4-wire serial interface
connects easily to all common microprocessors, and
twos-complement output coding simplifies bipolar mea-
surements. Typical supply current is only 60µA and is
reduced to 1µA in sleep mode. Four serially pro-
grammed digital outputs can be used to control an
external multiplexer or programmable-gain amplifier.
The MAX132 comes in 24-pin narrow DIP and wide SO
packages, and is available in commercial and extend-
ed temperature grades.
High resolution, compact size, and low power make this
device ideal for data loggers, weigh scales, data-acqui-
sition systems, and panel meters.
________________________Applications
Remote Data Acquisition
Battery-Powered Instruments
Industrial Process Control
Transducer-Signal Measurement
Pressure, Flow, Temperature, Voltage
Current, Resistance, Weight
____________________________Features
o Low Supply Current:
60µA (Normal Operation)
1µA (Sleep-Mode Operation)
o ±0.006% FSR Accuracy at 16 Conv/sec
o Low Noise: 15µVRMS
o Serial I/O Interface with Programmed Output for
Mux and PGA
o Performs up to 100 Conv/sec
o ±2pA Input Current
o 50Hz/60Hz Rejection
±18-Bit ADC with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
V+
BUF OUT
INT OUT
INT IN
SCLK
DOUT
DIN
CS
TOP VIEW
CREF-
CREF+
REF+
REF-
P1
P0
OSC1
OSC2
16
15
14
13
9
10
11
12
AGND
IN LO
IN HI
V-
DGND
EOC
P3
P2
DIP/SO
MAX132
__________________Pin Configuration
MAX132
CREF-
CREF+
CS
602k
SCLK
DOUT
DIN
EOC
P0
P1
P2
P3
-5V
±512mV INPUT
BUF OUT
INT OUT
INT IN
4.7nF
REF+
REF-
AGND
IN LO
IN HI
V-
V+
DGND
OSC2
OSC1
+5V
________________Functional Diagram
Call toll free 1-800-998-8800 for free samples or literature.
19-0009; Rev 2; 8/95
PART
MAX132CNG
MAX132CWG
MAX132C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 Wide SO
Dice*
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
______________Ordering Information
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
MAX132ENG
MAX132EWG
MAX132MRG
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Wide SO
24 Narrow CERDIP**


同様の部品番号 - MAX132

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX1320 MAXIM-MAX1320 Datasheet
255Kb / 27P
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320 MAXIM-MAX1320 Datasheet
250Kb / 27P
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX13202E MAXIM-MAX13202E Datasheet
379Kb / 9P
2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Rev 1; 4/06
MAX13202EALT+ MAXIM-MAX13202EALT+ Datasheet
379Kb / 9P
2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Rev 1; 4/06
MAX13204EALT+ MAXIM-MAX13204EALT+ Datasheet
379Kb / 9P
2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Rev 1; 4/06
More results

同様の説明 - MAX132

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
Single 11-bit ADC; serial JESD204A interface
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
2 July 2012
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
Single 11-bit ADC; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com