データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACFM-7024 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 ACFM-7024
部品情報  Single antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7024 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the
United States and other countries. All other brand and product names may be trademarks of
their respective companies.
Data subject to change. Copyright © 2015 Avago Technologies. All Rights Reserved.
AV02-4921EN – 2015-05-01
Package Dimensions and Marking Specification
Pin Description
Pin
Connection
1Band 4 Rx
4Band 2 Rx
8Band 4 Tx
11
Band 2 Tx
13
Ant
2, 3, 5, 6, 7, 9, 10, 12, 14, 15
GND
1.600 x 0.750
0.25 X 45° CHAMFER
0.400 X 0.255
(14X)
0.515
1.545
0.750
3.000
1.500
0.7725
0.750
±0.05
2.000
±0.075
ANT
B2 RX
3.600
±0.075
B2 TX
B4 TX
B4 RX
PIN 1
MARK
OXIDE LAYER
(SEE NOTES)
1
14
13
12
11
10
9
87
15
2
3
4
5
6
BFIYWW
DDXXXX
VAGO
Notes:
1. Dimensions in millimeters
2. Tolerance, unless otherwise noted:
X.XX ± 0.05 mm
X.XXX ± 0.025 mm
3. Dimensions nominal unless otherwise noted
4. Angles 45° nominal
5. Contact areas are gold plated
6. Metal Gnd and I/O pads are solder mask defined
by means of a thin (< 1μm) oxide layer
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Package Marking Code:
AVAGO = Avago Technologies, Inc.
B = ACFM-7024
F = FBAR Technology
I = Assembly ID
Y = Year (last digit)
WW = Work Week
DD = Date Code
XXXX = Production Lot



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com