データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SK310 データシート(PDF) 1 Page - Mospec Semiconductor

部品番号 SK310
部品情報  Low Forward Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOSPEC [Mospec Semiconductor]
ホームページ  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SK310 データシート(HTML) 1 Page - Mospec Semiconductor

  SK310 Datasheet HTML 1Page - Mospec Semiconductor SK310 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SK310
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier meta.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes,
in surface mount applications where compact size and weight are critical
to the system.
Features
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*
Moisture Sensitivity Level: MSL-1
*
ESD: 4KV(Min.) Humen-Body Model
*In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
SK310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectifier Forward Current
IO
3.0
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions half-wave, single
phase,60Hz )
IFSM
75
A
Operating and Storage Junction Temperature Range
TJ , TSTG
-65 to +150
℃
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
45
℃
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
SK310
Unit
Maximum Instantaneous Forward Voltage
(IF =3.0 Amp)
VF
0.85
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, TC = 25℃)
(Rated DC Voltage, TC = 125℃)
IR
0.01
10
mA
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
150
PF
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
100 VOLTS
DO-214AC(SMA)
MILLIMETERS
DIM
MIN
MAX
A
2.20
2.80
B
4.10
4.70
C
1.30
1.70
D
4.70
5.30
E
1.90
2.50
F
1.30
G
0.30
H
0.95
1.50
CASE---
Transfer molded
plastic
OLARITY---
Cathode indicated
polarity band


同様の部品番号 - SK310

メーカー部品番号データシート部品情報
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK310 TRSYS-SK310 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK310 DIOTEC-SK310 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
DIOTEC Electronics Corp...
SK310 DEC-SK310 Datasheet
104Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SK310

メーカー部品番号データシート部品情報
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
Low forward voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com