| データシートサーチシステム |
|
MAX1822ESA データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX1822ESA データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 10 page ![]() High-Side Power Supply 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = +5V, TA = TMIN to TMAX, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 1: High-side voltage measured with respect to ground. Note 2: For VCC > +13V on the MAX1822, use C1 = C2 = 0.01µF. Note 3: Power-Ready Threshold is the voltage with respect to ground at VOUT when PR switches high (PR = VCC). VCC ......................................................................................+17V VOUT ....................................................................................+30V IOUT ...................……………………………………………….25mA Continuous Total Power Dissipation (TA = +70°C) 8-pin SO (derate 5.88mW/°C above +70°C)...............471mW Operating Temperature Range ...........................-40°C to +85°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage VCC 3.5 16.5 V IOUT = 0, VCC = 3.5V, C1 = C2 = 0.047µF, C3 = 1µF 11.5 12.5 16.5 IOUT = 0, VCC = 4.5V, C1 = C2 = 0.047µF, C3 = 1µF 14.5 15.5 17.5 IOUT = 0, VCC = 16.5V, C1 = C2 = 0.01µF, C3 = 1µF (Note 2) 26.5 27.5 29.5 IOUT = 50µA, VCC = 3.5V, C1 = C2 = 0.047µF, C3 = 1µF 8.5 10.5 16.5 IOUT = 250µA, VCC = 5V, C1 = C2 = 0.047µF, C3 = 1µF 15 18 High-Side Voltage (Note 1) VOUT IOUT = 500µA, VCC = 16.5V, C1 = C2 = 0.01µF, C3 = 1µF (Note 2) 26.5 29.5 V Power-Ready Threshold PRT IOUT = 0 (Note 3) 12 13.5 14.5 V Power-Ready Output High PROH ISOURCE = 100µA 3.8 4.3 5 V Power-Ready Output Low PROL ISINK = 1mA 0.4 V Output Voltage Ripple VR C1 = C2 = 0.01µF, C3 = 10µF, IOUT = 1mA, VCC = 16.5V 50 mV Switching Frequency FO 90 kHz IOUT = 0, VCC = 5V, C1 = C2 = 0.047µF, C3 = 1µF, TA = +25 °C 150 500 Quiescent Supply Current IQ IOUT = 0, VCC = 16.5V, C1 = C2 = 0.047µF, C3 = 1µF, TA = +25 °C 150 350 µA |