データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IR36021 データシート(PDF) 3 Page - International Rectifier

部品番号 IR36021
部品情報  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IR36021 データシート(HTML) 3 Page - International Rectifier

  IR36021 Datasheet HTML 1Page - International Rectifier IR36021 Datasheet HTML 2Page - International Rectifier IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
3
FUNCTIONAL BLOCK DIAGRAM 
ISEN1a
IRTN1a
ISEN1b
IRTN1b
ISEN2
IRTN2
TSEN
VINSEN
Voltage
ADC
VSEN1
VRTN1
Control
and
Monitoring
PWM Generator
Vout1_Error
Vout2_Error
PWM1a
PWM1b
PWM2
Reference,
Oscillator,
State Control,
Interfaces,
Registers and
MTP
SM_DIO
ADC Clocks
MUX Clocks
Phase_Period_1
Phase_Period_2
V3_3
Iout
Vin
Temp
Fault Bus
System Clock
Iout
Vin
Temp
Vout
Fault Bus
System Clock
Σ
VID_1
VID_2
Current &
Monitor ADC
ITOT_1
ITOT_2
IP1a
IP1b
IP1a
IP1b
ITOT2
Mode Control
LDO
VCC
1.8V
V18A
SM_CLK
EN1
PGood1
PGood2
Phase_
Period_1
Phase_
Period_2
RRES
RCSP1
RSCM1
AFE_1
VID_1
VSEN2
VRTN2
RCSP2
RSCM2
AFE_2
VID_2
MTP
ADDR_PROT
ITOT_2
Programming
ChargePump
EN2
SM_ALERT#
VRHOT_ICRIT#
                          
Figure 4: IR36021 Simplified Block Diagram 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41