| データシートサーチシステム |
|
MAX3490C/D データシート(PDF) 7 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX3490C/D データシート(HTML) 7 Page - Maxim Integrated Products |
|
7 / 16 page ![]() 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers _______________________________________________________________________________________ 7 MAX3483 MAX3485 MAX3486 TOP VIEW NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH. 1 2 3 4 8 5 VCC GND DI DE RE RO R D Rt Rt 7 6 D R DE RE DI RO A B 1 2 3 4 8 7 6 5 VCC B A GND DI DE RE RO DIP/SO R D B A MAX3488 MAX3490 TOP VIEW 1 2 3 4 RO DI GND 8 7 6 5 A B Z Y VCC DIP/SO R D Rt Rt VCC 5 6 7 8 RO DI GND 4 GND DI RO 3 2 A B Y Z VCC DR R D 1 MAX3491 DIP/SO TOP VIEW Rt Rt DE VCC RE GND VCC RE GND DE RO DI 9 10 12 11 B A Z Y 5 RO N.C. DI 2 1, 8 3 6, 7 13, 14 4 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC VCC N.C. A B Z Y N.C. RO RE DE DI GND GND R D D RD R Figure 2. MAX3488/MAX3490 Pin Configuration and Typical Operating Circuit Figure 3. MAX3491 Pin Configuration and Typical Operating Circuit Figure 1. MAX3483/MAX3485/MAX3486 Pin Configuration and Typical Operating Circuit |