| データシートサーチシステム |
|
MAX395ENG データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX395ENG データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 16 page ![]() Serially Controlled, Low-Voltage, 8-Channel SPST Switch 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—Dual Supplies (V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltages Referenced to GND V+ ...........................................................................-0.3V, +17V V- ............................................................................-17V, +0.3V V+ to V-...................................................................-0.3V, +17V SCLK, CS, DIN, DOUT, RESET .................-0.3V to (V+ + 0.3V) NO, COM .................................................(V- - 2V) to (V+ + 2V) Continuous Current into Any Terminal..............................±30mA Peak Current, NO_ or COM_ (pulsed at 1ms,10% duty cycle)..................................±100mA Continuous Power Dissipation (TA = +70°C) Narrow Plastic DIP (derate 13.33mW/°C above +70°C)...1067mW Wide SO (derate 11.76mW/°C above +70°C)...............941mW Narrow CERDIP (derate 12.50mW/°C above +70°C)....1000mW Operating Temperature Ranges MAX395C_ G .......................................................0°C to +70°C MAX395E_ G ....................................................-40°C to +85°C MAX395MRG ..................................................-55°C to +125°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C CONDITIONS UNITS MIN TYP MAX (Note 1) SYMBOL PARAMETER 60 100 V V- V+ VCOM, VNO Analog Signal Range V+ = 5V, V- = -5V, VCOM = ±3V, INO = 1mA V 2.4 VIH DIN, SCLK, CS, RESET Input Voltage Logic Threshold High Ω 125 RON COM, NO On-Resistance IDOUT = 0.8mA VDIN, VSCLK, VCS = 0.8V or 2.4V V 2.8 V+ VDOUT DOUT Output Voltage Logic High µA -1 0.03 1 IIH, IIL DIN, SCLK, CS, RESET Input Current Logic High or Low V 0.8 VIL DIN, SCLK, CS, RESET Input Voltage Logic Threshold Low C, E, M TA = +25°C C, E, M TA = +25°C 5 C, E, M V+ = 5V, V- = -5V, VCOM = ±3V, INO = 1mA Ω 10 ∆RON COM, NO On-Resistance Match Between Channels (Note 2) TA = +25°C 10 C, E, M V+ = 5V, V- = -5V, INO = 1mA, VCOM = -3V, 0V, 3V Ω 15 RFLAT(ON) COM, NO On-Resistance Flatness (Note 2) TA = +25°C -0.1 0.002 0.1 C, E, M V+ = 5.5V, V- = -5.5V, VCOM = -4.5V, VNO = 4.5V -10 10 TA = +25°C -0.1 0.002 0.1 C, E, M V+ = 5.5V, V- = -5.5V, VCOM = 4.5V, VNO = -4.5V nA -10 10 INO(OFF) NO Off Leakage Current (Note 3) TA = +25°C -0.1 0.002 0.1 C, E, M V+ = 5.5V, V- = -5.5V, VCOM = -4.5V, VNO = 4.5V -10 10 TA = +25°C 0.1 0.002 0.1 C, E, M V+ = 5.5V, V- = -5.5V, VCOM = 4.5V, VNO = -4.5V nA -10 10 ICOM(OFF) COM Off Leakage Current (Note 3) TA = +25°C -0.2 0.01 0.2 C, E, M V+ = 5.5V, V- = -5.5V, VCOM = VNO = ±4.5V -20 20 nA ICOM(ON) COM On Leakage Current (Note 3) IDOUT = -1.6mA mV 100 SCLKHYST V 0 0.4 VDOUT DOUT Output Voltage Logic Low SCLK Input Hysteresis C, E, M C, E, M C, E, M C, E, M C, E, M C, E, M ANALOG SWITCH DIGITAL I/O |