| データシートサーチシステム |
|
MAX393C/D データシート(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX393C/D データシート(HTML) 4 Page - Maxim Integrated Products |
|
4 / 12 page ![]() Precision, Quad, SPST Analog Switches 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS—Single +5V Supply (V+ = +5V ±10%, V- = 0V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SYMBOL MIN TYP MAX (Note 2) UNITS Analog Signal Range VCOM, VNO, VNC 0V+ V CONDITIONS (Note 3) On-Resistance RON 30 60 Ω V+ = 4.5V, ICOM = -10mA, VNO or VNC = 3.5V Turn-On Time tON 85 170 ns VNO or VNC = 3V Break-Before-Make Time Delay (Note 3) tD 10 ns MAX393 only, RL = 300 Ω, CL = 35pF Turn-Off Time tOFF 25 50 ns VNO or VNC = 3V Negative Supply Current I- -1 1 µA Positive Supply Current I+ -1 1 µA Charge Injection (Note 3) Q 15 pC CL = 1.0nF, VGEN = 0V, RGEN = 0 Ω, Figure 4 On-Resistance Match Between Channels (Note 4) ∆RON 0.8 2 Ω V+ = 5V, ICOM = -1.0mA, VNO or VNC = 3V On-Resistance Flatness (Notes 3, 5) RFLAT(ON) 26 Ω V+ = 5V, ICOM = -1.0mA, VNO or VNC = 1V, 3V NO or NC Off Leakage Current (Note 9) INO(OFF) or INC(OFF) -0.25 0.01 0.25 nA V+ = 5.5V, VCOM = 0V, VNO or VNC = 4.5V COM Off Leakage Current (Note 9) ICOM(OFF) -0.1 0.1 nA V+ = 5.5V, VCOM = 0V, VNO or VNC = 4.5V COM On Leakage Current (Note 9) ICOM(ON) -0.2 0.2 nA V+ = 5.5V, VCOM = 5V, VNO or VNC = 4.5V TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = +25°C TA = TMIN to TMAX TA = TMIN to TMAX TA = TMIN to TMAX 75 4 8 -0.1 0.1 -2.5 2.5 TA = TMIN to TMAX TA = TMIN to TMAX TA = TMIN to TMAX C, E M C, E M C, E M -5.0 5.0 -2.5 2.5 -20 20 -5.0 5.0 TA = +25°C TA = +25°C TA = TMIN to TMAX TA = TMIN to TMAX 240 100 TA = +25°C V+ = 5.5V, VIN = 0V or V+, all channels on or off V+ = 5.5V, VIN = 0V or V+, all channels on or off ANALOG SWITCH DYNAMIC SUPPLY |