| データシートサーチシステム |
|
MAX4272ESA データシート(PDF) 12 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4272ESA データシート(HTML) 12 Page - Maxim Integrated Products |
|
12 / 24 page ![]() 3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection 12 ______________________________________________________________________________________ Figure 2. MAX4273 Functional Diagram MAX4273 6 µA VIN SLOW COMPARATOR FAST COMPARATOR 6 µA 2.45V INPUT UVLO LOGIC CONTROL DISCHARGE ENABLE STAT REF REF 1.2V AUXVCC AUXVCC GND 0.1V 0.6V ON LLMON INC VOUT RSENSE VIN CSPD N Q1 GATE CEXT CEXT SENSE RTH RTH IN OUTPUT OVLO 0.1V GATE OVLO ON COMPARATOR RESET COMPARATOR GATE DRIVE VFC,TH = 50mV VFC,TH = 200mV VFC,TH = 50mV TO 750mV 150ms DELAY ON VIN RISING OUTC VIN CTIM CTIM 4 µA 10 µA AUXVCC VIN CTON CTON 4 µA 150ms DELAY ON INC RISING 0.6V CHARGE PUMP 1MHz |