| データシートサーチシステム |
|
MAX4314EEE データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4314EEE データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 20 page ![]() dB High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS DC ELECTRICAL CHARACTERISTICS (VCC = +5V, VEE = 0, SHDN ≥ 4V, RL = ∞, VOUT = 2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Supply Voltage (VCC to VEE) ..................................................12V Input Voltage....................................(VEE - 0.3V) to (VCC + 0.3V) All Other Pins ...................................(VEE - 0.3V) to (VCC + 0.3V) Output Current................................................................±120mA Short-Circuit Duration (VOUT to GND, VCC or VEE) ....Continuous Continuous Power Dissipation (TA = +70°C) 8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW 8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW 14-Pin SO (derate 8.3mW/°C above +70°C).................667mW 16-Pin SO (derate 8.7mW/°C above +70°C).................696mW 16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW Operating Temperature Range ...........................-40°C to +85°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C MAX4310/MAX4311/MAX4312, inferred from CMRR test MAX4310/MAX4311/MAX4312, RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V Inferred from PSRR test MAX4313/MAX4314/MAX4315 MAX4310/MAX4311/MAX4312, open loop MAX4310/MAX4311/MAX4312 only IIN_ MAX4310/MAX4311/ MAX4312 only 0 ≤ VCM ≤ 2.2V, MAX4310/MAX4311/MAX4312 only VIN varied over VCM, MAX4310/MAX4311/ MAX4312 only CONDITIONS V/V 1.9 2.0 2.1 AVCL Voltage Gain dB 50 59 AVOL Open-Loop Gain k Ω 1 ROUT Disabled Output Resistance 35 0.025 ROUT Output Resistance 8 k Ω 70 RIN Differential Input Resistance M Ω 3 RIN Common-Mode Input Resistance V 0.035 VCC - 2.8 V 4.0 10.5 VCC Operating Supply Voltage Range Input Voltage Range µA 0.1 2 IOS Input Offset Current µA 714 IB Input Bias Current mV ±1 Input Offset Voltage Matching µV/°C ±7 TCVOS Input Offset Voltage Drift dB 73 95 CMRR Common-Mode Rejection Ratio mV ±5.0 ±20 VOS Input Offset Voltage UNITS MIN TYP MAX SYMBOL PARAMETER MAX4313/MAX4314/1MAX4315, inferred from output voltage swing 0.035 VCC - 2.7 Open loop Closed loop, AV = +1V/V MAX4313/MAX4314/MAX4315 Ω 0.025 MAX4313/MAX4314/MAX4315, RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V IFB, MAX4310/MAX4311/MAX4312 only 714 µA IFB Feedback Bias Current |