| データシートサーチシステム |
|
COSF データシート(PDF) 2 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
COSF データシート(HTML) 2 Page - OPLINK Communications Inc. |
|
2 / 3 page ![]() CUSTOM OPTICAL SWITCH FABRIC Optical Design Mechanical Design Qualifications Electrical Design Firmware Design Applicaion Specific Network System Level Analysis Optical Module/Subsystem Design Optical Functional Testing Performance and Cost Optimization CPLD, FPGA and Micro-controllers (8, 16, 32 bit) Custom Communication interface Switch Drivers Optical Power Monitoring Circuitry Fast Prototyping Design Verification Tests Qualification Tests Imbedded Operating Systems Switch Driver Development Optical Monitoring and Alarm Development Optimum Fiber Management 3-D Tools Service Provided Switch Options Oplink Communications, Inc. Full 2x2 Switch 2x2Add/Drop Switch 1×2 Switch Dual 1x2 Switch Ultra- Mini 1x2 Switch 1x1 On/Off Switch Oplink opto-mechanical switches are available as Full 2x2, 2x2 Add/Drop, 1x2, 1x1 On/Off, Single window (C+L)/Dual Window (1310 + C +L), latching/non-latching options. Switch can be operated in single or dual relay coil mode. The rich options provide customer complete selections and combinations for switching solution. |