| データシートサーチシステム |
|
FT122 データシート(PDF) 39 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT122 データシート(HTML) 39 Page - Future Technology Devices International Ltd. |
|
39 / 47 page ![]() Copyright © 2014 Future Technology Devices International Limited 39 Document No.: FT_000647 FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1 Clearance No.: FTDI# 313 9 Package Parameters The FT122 is available in two different packages. The FT122T is the TSSOP-28 package option and the FT122Q is the QFN-28 package option. The solder reflow profile for both packages is described in section 9.5. 9.1 TSSOP-28 Package Dimensions Figure 9-1 TSSOP-28 Package Dimensions |