| データシートサーチシステム |
|
FT232H データシート(PDF) 27 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT232H データシート(HTML) 27 Page - Future Technology Devices International Ltd. |
|
27 / 65 page ![]() Copyright © 2014 Future Technology Devices International Limited 27 Document No.: FT_000288 FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC Datasheet Version 1.81 Clearance No.: FTDI #199 4.4 FT245 Synchronous FIFO Interface Mode Description When FT232H is configured in an FT245 Synchronous FIFO interface mode the IO timing of the signals used are shown in Figure 4.4 which shows details for read and write accesses. The timings are shown in Figure 4.4.Note that only a read or a write cycle can be performed at any one time. Data is read or written on the rising edge of the CLKOUT clock. Figure 4.4 FT245 Synchronous FIFO Interface Signal Waveforms |