| データシートサーチシステム |
|
DB3 データシート(PDF) 2 Page - GOOD-ARK Electronics |
|
|
|||||||||||||||||||||||||||||
DB3 データシート(HTML) 2 Page - GOOD-ARK Electronics |
|
2 / 3 page ![]() s l o b m y Ss r e t e m a r a Ps n o i t i d n o C t s e T e u l a V s t i n U 3 B D4 3 C D4 B D V O B * e g a t l o v r e v o k a e r B2 2 = C n * * F 1 m a r g a i d e e s . N I M8 20 35 3 s t l o V . P Y T2 34 30 4 . X A M6 38 35 4 V + I [ O B V - I - I O B ] Iy r t e m m y s e g a t l o v r e v o k a e r B2 2 = C n * * F 1 m a r g a i d e e s . X A M3 s t l o V I ∆V+I* e g a t l o v r e v o k a e r b c i m a n y D ∆ I [ = I O B I o t F ] A m 0 1 = 1 m a r g a i d e e s . N I M5 s t l o V V O * e g a t l o v t u p t u O2 m a r g a i d e e s . N I M5 s t l o V I O B * t n e r r u c r e v o k a e r B2 2 = C n * * F . X A M0 0 10 50 0 1 uA r t* e m i t e s i R3 m a r g a i d e e s . P Y T5 . 1 us I B * t n e r r u c e g a k a e LV B V 5 . 0 = O B x a m 1 m a r g a i d e e s . X A M0 1 uA s c i t s i r e t c a r a h C l a c i r t c e l E T ( j 5 2 = o ) C * Electrical characteristic applicable in both forward and reverse directions. ** Connected in parallel with the devices. 778 |