| データシートサーチシステム |
|
78TXXG-TQ3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78TXXG-TQ3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() 78TXX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R101-021.F MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING TO-220 TO-263 TO-263-3 05 : 5V 06 : 6V 08 : 8V 09 : 9V 12 : 12V 15 : 15V 18 : 18V BLOCK DIAGRAM 3 1 2 GND OUTPUT INPUT R13 R17 R9 Z2 T12 T14 R19 R18 R12 R11 R10 R8 T8 T9 T13 T10 R14 T11 T5 T6 R5 T4 Z1 R15 T15 R16 R1 R2 R4 C1 R6 T7 T3 T1 T2 R3 R7 TYPICAL APPLICATION CIRCUIT 3 2 1 VIN VoUT UTC78TXX CI 0.33 μF CO 0.1 μF Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators. |