| データシートサーチシステム |
|
UTT15P06L-TN3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UTT15P06L-TN3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() UTT15P06 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R502-733.D ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS -60 V Gate-Source Voltage VGSS ±25 V Drain Current Continuous ID -15 A Pulsed IDM -45 A Power Dissipation TO-220 PD 40 W TO-220F 37 TO-251/TO-252 31.3 Junction Temperature TJ +150 °C Storage Temperature TSTG -55~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient (Steady state) TO-220/TO-220F θJA 62 °C/W TO-251/TO-252 110 °C/W Junction to Case TO-220 θJC 3.125 °C/W TO-220F 3.3 TO-251/TO-252 4 ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS ID=-250µA, VGS=0V -60 V Drain-Source Leakage Current IDSS VDS=-60V, VGS=0V -1 µA Gate-Source Leakage Current Forward IGSS VGS=+25V, VDS=0V +100 nA Reverse VGS=-25V, VDS=0V -100 nA ON CHARACTERISTICS Gate Threshold Voltage VGS(TH) VDS=VGS, ID=-250µA -1 -3 V Static Drain-Source On-State Resistance RDS(ON) VGS= -10V, ID= -15A (Note 1) 90 mΩ DYNAMIC PARAMETERS (Note 2) Input Capacitance CISS VGS=0V, VDS=-25V, f=1.0MHz (Note 2) 1100 2660 pF Output Capacitance COSS 115 pF Reverse Transfer Capacitance CRSS 90 pF SWITCHING PARAMETERS Turn-ON Delay Time tD(ON) VDD=-30V, ID=-1A, RG=12.5Ω (Note 3) 16 ns Rise Time tR 30 ns Turn-OFF Delay Time tD(OFF) 50 ns Fall-Time tF 20 ns Total Gate Charge QG VGS=-10V, VDS=-30V, ID=-15A (Note 3) 14 27 nC Gate to Source Charge QGS 3 nC Gate to Drain Charge QGD 8 nC SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS (TC=25°C) (Note 2) Maximum Body-Diode Continuous Current IS -15 A Maximum Body-Diode Pulsed Current ISM -45 A Drain-Source Diode Forward Voltage VSD IF=-15A, VGS=0V (Note 1) -1.0 -1.5 V Notes: 1. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. 2. Guaranteed by design, not subject to production testing. 3. Independent of operating temperature. |