| データシートサーチシステム |
|
IRMCF183 データシート(PDF) 21 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCF183 データシート(HTML) 21 Page - International Rectifier |
|
21 / 31 page ![]() IRMCF183M 21 www.irf.com © 2014 International Rectifier October 2, 2014 6.7 UART AC Timing TXD RXD Data and Parity Bit Start Bit TBAUD Stop Bit TUARTFIL Figure 9 UART timing Unless specified, Ta = 25˚C. Symbol Parameter Min Typ Max Unit TBAUD Baud Rate Period - 57600 - bit/sec TUARTFIL UART sampling filter period (1) - 1/16 - TBAUD Table 13 UART AC Timing Note: (1) Each bit including start and stop bit is sampled three times at center of a bit at an interval of 1/16 TBAUD. If three sampled values do not agree, then UART noise error is generated. |