| データシートサーチシステム |
|
IRMCK341 データシート(PDF) 29 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCK341 データシート(HTML) 29 Page - International Rectifier |
|
29 / 36 page ![]() IRMCK341 www.irf.com © 2007 International Rectifier 29 8 I/O Structure The following figure shows the motor PWM and digital I/O structure except the motor PWM output 100 6.0V 6.0V Internal digital circuit Low true logic VDD1 (3.3V) 70k PIN VSS Figure 19 All digital I/O except motor PWM output The following figure shows RESET and GATEKILL I/O structure. 100 6.0V 6.0V RESET GATEKILL I/O VDD1 (3.3V) 70k PIN VSS Figure 20 RESET, GATEKILL I/O |