データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRS2113MPBF データシート(PDF) 7 Page - International Rectifier

部品番号 IRS2113MPBF
部品情報  HIGH- AND LOW-SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRS2113MPBF データシート(HTML) 7 Page - International Rectifier

Back Button IRS2113MPBF Datasheet HTML 3Page - International Rectifier IRS2113MPBF Datasheet HTML 4Page - International Rectifier IRS2113MPBF Datasheet HTML 5Page - International Rectifier IRS2113MPBF Datasheet HTML 6Page - International Rectifier IRS2113MPBF Datasheet HTML 7Page - International Rectifier IRS2113MPBF Datasheet HTML 8Page - International Rectifier IRS2113MPBF Datasheet HTML 9Page - International Rectifier IRS2113MPBF Datasheet HTML 10Page - International Rectifier IRS2113MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IRS2113MPBF
www.irf.com
© 2012 International Rectifier
7
Lead Definitions
PIN
Symbol
Description
1
VDD
Logic supply
2
HIN
Logic input for high-side gate driver output (HO), in phase
3
SD
Logic input for shutdown
4
LIN
Logic input for low-side gate driver output (LO), in phase
5
VSS
Logic ground
6
LO
Low-side gate drive output
7
COM
Low-side return
8
NC
No Connection
9
VCC
Low-side supply
10
NC
No Connection (pin removed)
11
NC
No Connection
12
VS
High-side floating supply return
13
VB
High-side floating supply
14
HO
High-side gate drive output
15
NC
No Connection (pin removed)
16
NC
No Connection
Lead Assignments
IRS2113MPbF
16L-MLPQ 4x4 with 2
leads removed
= Removed lead
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
HIN
SD
LIN
VS
VCC
IRS2113MPBF
NC
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com