| データシートサーチシステム |
|
UCD3138128 データシート(PDF) 58 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138128 データシート(HTML) 58 Page - Texas Instruments |
|
58 / 80 page ![]() QT1 QB1 Lr ISOLATED GATE Transformer SYNCHRONOUS GATE DRIVE PRIM CURRENT VOUT +12V T1 T1 ORING CTL VA VBUS QT2 QB2 D1 D2 T2 L1 Q5 RL C1 C2 R2 Q6 Q7 I_SHARE Vout Iout I_pri temp Vin VA UCD3138 ARM7 FAULT0 AD01 AD02/CMP0 AD03/CMP1/CMP2 AD04/CMP3 AD05/CMP4 AD00 AD06/CMP5 FAULT1 FAULT2 GPIO2 GPIO3 GPIO1 AD07/CMP6 AD08 AD09 DPWM0B DPWM1B DPWM2A DPWM2B ORING_CRTL P_GOOD DPWM3A DPWM3B Vout ON/OFF FAILURE ACFAIL_OUT ACFAIL_IN I_pri Iout EADC0 EADC1 CLA0 CLA1 EADC2 DPWM0 DPWM1 DPWM2 DPWM3 Duty for mode switching Vref Load Current PCM CBC < CPCC PMBus UART1 UART0 Primary OSC WD RST Memory FAULT Current Sensing I_pri UCD3138128, UCD3138A64 SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014 www.ti.com 10.2 Typical Application This section summarizes the PSFB EVM DC-DC power converter. Figure 37. Phase-Shifted Full-Bridge 58 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: UCD3138128 UCD3138A64 |