データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS1201L-S08-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 UCS1201L-S08-R
部品情報  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201L-S08-R データシート(HTML) 3 Page - Unisonic Technologies

  UCS1201L-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R103-066.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65~150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
165
°С/W
Junction to Case
θJC
48
°С/W
MAXIMUM RATING
PARAMETER
SYMBOL
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
20V
-0.5V
N/A
1.5A Peak,
450mA DC
Compensation Capacitor
COMP
6.0V
-0.5V
10mA
10mA
Voltage Feedback Input
VFB
6.0V
-0.5V
1.0mA
1.0mA
Frequency Adjust
ROSC
6.0V
-0.5V
1.0mA
1.0mA
High-Side FET Driver
GATE(H)
20V
-0.5V, -2.0V
for 50ns
1.5A Peak,
200mA DC
1.5A Peak,
200mA DC
Low-Side FET Driver
GATE(L)
20V
-0.5V, -2.0V
for 50ns
1.5A Peak,
200mA DC
1.5A Peak,
200mA DC
Ground
GND
0.5V
-0.5V
1.5A Peak,
450mA DC
N/A



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com