| データシートサーチシステム |
|
M35046-059FP データシート(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35046-059FP データシート(HTML) 5 Page - Mitsubishi Electric Semiconductor |
|
5 / 40 page ![]() MITSUBISHI MICROCOMPUTERS M35046-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 5 For details, see (2) Setting display frequencies under Register Supplementary Description. It should be fixed to “0”. Alleviates continuous vertical jitters. 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 DIV0 DIV1 DIV2 DIV3 DIV4 DIV5 DIV6 DIV7 DIV8 DIV9 DIV10 DIVS0 DIVS1 VJT EXCK0 0 1 2 3 4 5 6 7 8 9 A B C D E REGISTERS DESCRIPTION (1) Address 12016 Set display frequency by frequency value setting. Set N1 to be “N1=fOSC/ fH”. fOSC(MHz) : External clock frequency for TCK pin (=display fre- quency) fH(kHz) : Horizontal synchronous sig- nal frequency for HOR pin Set registers DIVS0, DIVS1 (address 12016), RSEL0 (address 12116) and RSEL1 (address 12216) according to external clock frequency. For details, see (2) Setting display fre- quencies under Register Supplemen- tary Description. Any of this settings above is reguired only when EXCK1=1, EXCK0=1. Register DA Status Contents Function Remarks Display clock input 20 to 30MHz Do not set Do not set 20 to 80MHz EXCK0 0 1 0 1 EXCK1 0 0 1 1 Set display frequency area. See setting External Clock Input Mode (to be input from the TCK terminal). EXCK1 : address 12316 1H Clock number (N1) External clock Horizontal synchronized signal Set external clock frequency value of horizontal oscillation fre- quency. N1 = (DIVn × 2n) N1: frequency value 10 Σ n = 0 |