| データシートサーチシステム |
|
UPSRB01G-AG6-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSRB01G-AG6-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() UPSRB01 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R103-078.A MARKING PIN CONFIGURATION PIN DESCRIPTION PIN NO. PIN NAME DESCRIPTION 1 GND Ground 2 CS Current sense input. 3 BASE Base drive for power BJT. 4 FB The voltage feedback from the auxiliary winding 5 VC Low pass filter capacitor for cable compensation 6 VDD Power supply BLOCK DIAGRAM Regulator &Ref Por VDD Logic core OVP 4V + - FB + - 2V CV controller Base drive + - 0.4V BASE + - 0.5V LEB CC controller VC GND Tdemag detector CS I_drive Drop comp 3 2 1 5 4 6 |