| データシートサーチシステム |
|
CMX608 データシート(PDF) 25 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX608 データシート(HTML) 25 Page - CML Microcircuits |
|
25 / 70 page ![]() RALCWI Vocoder CMX608/CMX618/CMX638 2014 CML Microsystems Plc 25 D/608_18_38/11 Write $86 (ECC_CODEC_RESET) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. Write $82 (ECC_SSP_STOP) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. Write $83 (ECC_FIFO_CLEAR) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. Start the CODEC port. Write $81 (ECC_SSP_START) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. Bring the CODEC out of power-save/reset Write $87 (ECC_CODEC_START) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. To stop the device, for power saving, the following sequence should be used: Place the device into power-save. Write $88 (ECC_CODEC_PSAVE) into the EXCODECCONT register ($0B) and then wait for the RDY bit to be set in the STATUS register ($40) To restart the device after power saving: Restart the CODEC port. Write $87 (ECC_CODEC_START) into the EXCODECCONT register and then wait for the RDY bit to be set in the STATUS register. SCLK STRB SDO SDI REC BCK FS DIN DOUT PDWN PCM3500 CMX608/ CMX618/ CMX638 VDD M/S TSC n/c FSO Figure 15 PCM3500 Interface |