データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMX970 データシート(PDF) 2 Page - CML Microcircuits

部品番号 CMX970
部品情報  Serial bus or direct control operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX970 データシート(HTML) 2 Page - CML Microcircuits

  CMX970 Datasheet HTML 1Page - CML Microcircuits CMX970 Datasheet HTML 2Page - CML Microcircuits CMX970 Datasheet HTML 3Page - CML Microcircuits CMX970 Datasheet HTML 4Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2012 CML Microsystems Plc
2
Product Preview
CMX970 IF/RF Quadrature Demodulator
Quadrature Demodulator
Typical system application utilising:
CMX970—IF/RF Quadrature Demodulator
CMX998—Cartesian Feedback Loop (CFBL) Transmitter
CMX7861—Programmable Baseband Interface IC
The quadrature demodulator is designed for IF/RF operation and has very low power consumption. Input frequencies in the
range 20 to 300 MHz are allowed. The demodulator system has two gain stages, one before and one after the I/Q
down-converters and the gain elements can be independently controlled. This flexible architecture allows the users to
optimise characteristics depending on their system requirements. Optimum noise figure can be achieved by maximising gain in
first gain stage and minimising gain in the second stage. Intermodulation performance can be optimised by decreasing gain in
the first or second stages. A lower gain in the second gain stage will tend to reduce dc offsets in the output I/Q signal. Further
detailed information on the effects of controlling gain stages is available in the CMX970 datasheet.
CMX970 RF Receiver
CMX7861 FirmCODEC®
‘I’ In
‘Q’ In
Divider
CMX998 CFBL Transmitter
‘I’ Out
Divider
‘Q’ Out
T/R
GPIO
ADC
Clocks
DACs
DSP
Microcontroller
90
PLLs/
VCO
PA



Html Pages

1 2 3 4