データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DB102 データシート(PDF) 4 Page - CML Microcircuits

部品番号 DB102
部品情報  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 データシート(HTML) 4 Page - CML Microcircuits

  DB102 Datasheet HTML 1Page - CML Microcircuits DB102 Datasheet HTML 2Page - CML Microcircuits DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Autocorrelating Signal Processor
4
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Signal List
Packages
Signal
Description
DW/J
Name
Type
1
Signal In
input
The inverting input to the analog amplifier/comparator. Used with the
Signal Bias pin; external coupling components are required.
See Figure 2
3
Signal
Bias
output
The output of the analogue amplifier/comparator. Do not load this pin with
peripheral circuitry; there is no drive capacity for off-chip signaling. The
feedback resistor should be not less than 200k
Ω. See Figure 2.
4VDD
power
Positive supply rail. A single, stable power supply is required. Note that
this device has two VDD pins; this input is positioned to prevent cross-talk,
either or both may be connected to the host circuit's supply line. Do not
attempt to draw current from either VDD pin.
5
BUFCLK
output
Buffered inverter oscillator digital output. May be used as test point to
align clock frequency or to drive other circuitry.
6
XTAL
output
The output of the on-chip clock oscillator inverter.
8
Xtal/Clock
input
The input to the on-chip clock oscillator inverter; this may be a Xtal,
resonator or clock pulse input. The selection of this frequency will affect
the operational input signal bandwidth (and output frequency) of this
device; refer to Table 4. Note that the choice of VDD will determine the
maximum Xtal/clock frequency and hence the maximum useable signal
input frequency. Operation of this microcircuit without an active Xtal or
clock input may cause device damage. A clock pulse input is fed directly
into this pin; Xtal/clock components are not required.
See Table 2.
9VSS
power
Negative Supply
11
CLK ÷ 6
output
A squarewave output clock signal at the rate of Clock/6; provided for
peripheral and test purposes.
13
OUTPUT
output
(fOUT = 4 x fSIGNAL IN). The auto-correlated output signal at four times
(x 4) the input signal (see Figure 3).
There is a time delay between input and output signals (see
Specifications).
16
VDD
power
Positive supply rail. A single, stable power supply is required.
Note that this device has two VDD pins; either or both may be connected
to the host circuit's supply line. Do not attempt to draw current from either
VDD pin.
The choice of VDD will determine the maximum Xtal/clock frequency and
hence the maximum useable signal input frequency (see Figure 4).
2, 7, 10, 12, 14, 15
N/C
No internal connection. Leave open circuit
Table 1: Signal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11