データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FX919B データシート(PDF) 21 Page - CML Microcircuits

部品番号 FX919B
部品情報  Excellent Radio Fading Performance
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B データシート(HTML) 21 Page - CML Microcircuits

Back Button FX919B Datasheet HTML 17Page - CML Microcircuits FX919B Datasheet HTML 18Page - CML Microcircuits FX919B Datasheet HTML 19Page - CML Microcircuits FX919B Datasheet HTML 20Page - CML Microcircuits FX919B Datasheet HTML 21Page - CML Microcircuits FX919B Datasheet HTML 22Page - CML Microcircuits FX919B Datasheet HTML 23Page - CML Microcircuits FX919B Datasheet HTML 24Page - CML Microcircuits FX919B Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
21
D/919B/1
t3
t3
t3
Modem Rx input
Symbols to
De-interleave circuit
Data from Data Block Buffer
Task to Command Register
for task #1
for task #2
for task #3
1
2
3
1
2
3
t6
t6
t6
t7
t7
t7
BFREE bit
Figure 11 Receive Task Timing Diagram
Task
Time
(symbol times)
t3
Time to receive all symbols of task
SFS
24 (minimum)
SFSH
90 (minimum)
RHB/RILB
66
R4S
4
t6
Maximum time between first symbol of task
SFS
21
entering the de-interleave circuit and the
SFSH
21
task being written to modem.
RHB/RILB
49
R4S
3
t7
Maximum time from the last bit of the task
Any
1
entering the de-interleave circuit to BFREE
going to a logic '1' (high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47