| データシートサーチシステム |
|
USR1021L-S08-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
USR1021L-S08-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() USR1021 Preliminary LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R103-073.a ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage VIN 18 V LX to AGND -0.7~VIN+0.3 V EN to AGND -0.3~VIN+0.3 V FB to AGND -0.3~6.0 V COMP to AGND -0.3~6.0 V PGND to AGND -0.3~+0.3 V Junction Temperature TJ +150 °C Storage Temperature TSTG -65~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient (Note 2) θJA 87 °С/W RECOMMENDED OPERATING CONDIIONS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VIN 6~18 V Output Voltage Range 0.8~VIN V Ambient Temperature TA -40~+85 °C ELECTRICAL CHARACTERISTICS (TA=25°C, VIN=VEN=12V, VOUT=3.3V, unless otherwise specified) (Note 3) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VIN 6 18 V Supply Current (Quiescent) IIN IOUT=0, VFB=1.2V, VEN>2V 3.5 5 mA Shutdown Supply Current IOFF VEN=0V 1 10 µA Feedback Voltage VFB TA=25 °C 0.788 0.8 0.812 V Load Regulation 0.5 % Line Regulation 1 % Feedback Voltage Input Current IFB 200 nA EN Input Threshold VEN Off Threshold 0.6 V On Threshold 2 V SS Time CSS=16nF 2 ms MODULATOR Frequency fO 400 500 600 kHz Maximum Duty Cycle DMAX 85 % Controllable Minimum On Time TMIN 150 ns Current Sense Transconductance 7 A/V Error Amplifier Transconductance 180 µA/V PROTECTION Current Limit ILIMT 3.5 4.5 A Over-Temperature Shutdown Limit TJ Rising 150 °C TJ Falling 100 °C Notes: 1. Devices are inherently ESD sensitive, handling precautions are required. Human body model rating: 1.5 kΩ in series with 100pF. 2. The value of θJA is measured with the device mounted on a 1-in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The value in any given application depends on the user’s specific board design. 3. Specification in BOLD indicate an ambient temperature range of -40°C~+85°C. These specifications are guaranteed by design. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |