データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX8510 データシート(PDF) 1 Page - Maxim Integrated Products

部品番号 MAX8510
部品情報  Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8510 データシート(HTML) 1 Page - Maxim Integrated Products

  MAX8510 Datasheet HTML 1Page - Maxim Integrated Products MAX8510 Datasheet HTML 2Page - Maxim Integrated Products MAX8510 Datasheet HTML 3Page - Maxim Integrated Products MAX8510 Datasheet HTML 4Page - Maxim Integrated Products MAX8510 Datasheet HTML 5Page - Maxim Integrated Products MAX8510 Datasheet HTML 6Page - Maxim Integrated Products MAX8510 Datasheet HTML 7Page - Maxim Integrated Products MAX8510 Datasheet HTML 8Page - Maxim Integrated Products MAX8510 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8510/MAX8511/MAX8512 ultra-low-noise, low-
dropout (LDO) linear regulators are designed to deliver up
to 120mA continuous output current from a tiny 5-pin
SC70 plastic package. These regulators achieve a low
120mV dropout for 120mA load current. The MAX8510
uses an advanced architecture to achieve ultra-low output
voltage noise of 11µVRMS and PSRR of 54dB at 100kHz.
The MAX8511 does not require a bypass capacitor,
hence achieving the smallest PC board area. The
MAX8512’s output voltage can be adjusted with an
external divider.
The MAX8510/MAX8511 are preset to a variety of volt-
ages in the 1.5V to 4.5V range. Designed with a P-
channel MOSFET series pass transistor, the MAX8510/
MAX8511/MAX8512 maintain very low ground current
(40µA).
The regulators are designed and optimized to work with
low-value, low-cost ceramic capacitors. The MAX8510
requires only 1µF (typ) of output capacitance for stability
with any load. When disabled, current consumption drops
to below 1µA.
Applications
Cellular and Cordless Phones
PDA and Palmtop Computers
Base Stations
Bluetooth Portable Radios and Accessories
Wireless LANs
Digital Cameras
Personal Stereos
Portable and Battery-Powered Equipment
Features
♦ Space-Saving 5-Pin SC70 Package
♦ 11µVRMS Output Noise at 100Hz to 100kHz
Bandwidth (MAX8510)
♦ 78dB PSRR at 1kHz (MAX8510)
♦ 120mV Dropout at 120mA Load
♦ Stable with 1µF Ceramic Capacitor for Any Load
♦ Guaranteed 120mA Output
♦ Only Need Input and Output Capacitors (MAX8511)
♦ Output Voltages: 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V,
2.85V, 3V, 3.3V, 4.5V (MAX8510/MAX8511) and
Adjustable (MAX8512)
♦ Low 40µA Ground Current
♦ Excellent Load/Line Transient
♦ Overcurrent and Thermal Protection
Ultra-Low-Noise, High PSRR,
Low-Dropout,120mA Linear Regulators in SC70
________________________________________________________________ Maxim Integrated Products
1
GND
BP (MAX8510)
N.C. (MAX8511)
FB (MAX8512)
SHDN
15
OUT
IN
MAX8510
MAX8511
MAX8512
SC70-5
TOP VIEW
2
34
Pin Configuration
Ordering Information
MAX8510
OUTPUT PRESET
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
CBP = 10nF
COUT = 1µF
CIN = 1µF
OUT
ON
BP
GND
Typical Operating Circuits
19-2732; Rev 1; 6/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*xy is the output voltage code (see Output Voltage Selector
Guide). Other versions between 1.5V and 4.5V are available in
100mV increments. Contact factory for other versions.
PART*
TEMP RANGE
PIN-PACKAGE
MAX8510EXKxy-T
-40°C to +85°C
5 SC70-5
MAX8511EXKxy-T
-40°C to +85°C
5 SC70-5
MAX8512EXK-T
-40°C to +85°C
5 SC70-5
Typical Operating Circuits continued at end of data sheet.
Output Voltage Selector Guide appears at end of data sheet.


同様の部品番号 - MAX8510

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510ETA25-T MAXIM-MAX8510ETA25-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510ETA28-T MAXIM-MAX8510ETA28-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510ETA30-T MAXIM-MAX8510ETA30-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510ETA33-T MAXIM-MAX8510ETA33-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
More results

同様の説明 - MAX8510

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com