データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CHA2066 データシート(PDF) 1 Page - United Monolithic Semiconductors

部品番号 CHA2066
部品情報  10-16GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UMS [United Monolithic Semiconductors]
ホームページ  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066 データシート(HTML) 1 Page - United Monolithic Semiconductors

  CHA2066 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2066
RoHS COMPLIANT
Ref. : DSCHA20660069 - 10 Mar 10
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
10-16GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2066 is a two-stage wide band
monolithic low noise amplifier.
The circuit is manufactured with a standard
pHEMT process: 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form.
Main Features
■ Broad band performance 10-16GHz
■ 2.0dB noise figure, 10-16GHz
■ 16dB gain, ± 0.5dB gain flatness
■ Low DC power consumption, 50mA
■ 20dBm 3rd order intercept point
■ Chip size: 1,52 x 1,08 x 0.1mm
G1
NC
G2
Vd
RFin
RFout
A
B
C
D
E
NC
UMS
7272
0
2
4
6
8
10
12
14
16
18
20
7
8
9
10 11
12
13
14
15
16 17
18
19
20
Frequency ( GHz )
0
1
2
3
4
5
On wafer typical measurements.
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
NF
Noise figure, 10-16GHz
2.0
2.5
dB
G
Gain
14
16
dB
∆G
Gain flatness
± 0.5
± 1.0
dB
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !


同様の部品番号 - CHA2066

メーカー部品番号データシート部品情報
logo
United Monolithic Semic...
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066-99F/00 UMS-CHA2066-99F/00 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066-99F/00 UMS-CHA2066-99F/00 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066-QAG UMS-CHA2066-QAG Datasheet
299Kb / 12P
10-16GHz Low Noise Amplifier
More results

同様の説明 - CHA2066

メーカー部品番号データシート部品情報
logo
United Monolithic Semic...
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
10-16GHz Self biased Low Noise Amplifier
CHA2066-QAG UMS-CHA2066-QAG Datasheet
299Kb / 12P
10-16GHz Low Noise Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
5.8-16GHz Low Noise Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
7-16GHz Medium Power Amplifier
CHA2066 UMS-CHA2066_04 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
10 - 16GHz 20 dBm Amplifier
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
5.8-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
6-16GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com