| データシートサーチシステム |
|
M35049 データシート(PDF) 23 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35049 データシート(HTML) 23 Page - Mitsubishi Electric Semiconductor |
|
23 / 50 page ![]() MITSUBISHI MICROCOMPUTERS M35049-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 23 SERIAL DATA INPUT TIMING (1)Serial data should be input with the LSB first. (2)The address consists of 16 bits. (3)The data consists of 16 bits. __ (4)The 16 bits in the SCK after the CS signal has fallen are the ad dress, and for succeeding input data, the address is incremented every 16 bits. Therefore, it is not necessary to in put the address from the second data. Fig.10 Serial input timing CS N = 1,2,3……… SCK SIN LSB MSB LSB MSB LSB MSB Address(16 bits) Data(16 bits) N Data(16 bits) N + 1 |