| データシートサーチシステム |
|
MAX6504CMP080-T データシート(PDF) 7 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6504CMP080-T データシート(HTML) 7 Page - Maxim Integrated Products |
|
7 / 8 page ![]() Low-Cost, +2.7V to +5.5V, Micropower Temperature Switches in SOT23 and TO-220 _______________________________________________________________________________________ 7 MAX6503_ _N005 MAX6501_ _P075 +5V HYST HYST GND GND VCC GND GND VCC RPULL-UP 100k TOVER TUNDER OUT OF RANGE MAX6502_ _P075 HYST GND GND +5V MAX6504_ _N005 GND GND HYST VCC VCC TOVER TUNDER OUT OF RANGE OVERTEMP UNDERTEMP Figure 4. Temperature-Window Alarms MAX6502_ _P075 GND GND HYST +5V MAX6502_ _P045 GND GND HYST VCC VCC TOVER TOVER TEMPERATURE FAULT FAN CONTROL µP HEAT HEAT Figure 5. Low-Power, High-Reliability, Fail-Safe Temperature Monitor Table 2. Device Marking Codes for SOT23-5 Package MAX6502UKP115 2.5k ACFY MAX6502UKP105 10k ACFZ MAX6504UKP015 10k ADKE MAX6504UKP005 2.5k ABZY MAX6504UKN005 10k ACAT MAX6504UKN015 2.5k ACGD MAX6504UKN025 10k ACAV MAX6504UKN035 10k ACAW MAX6504UKN045 10k ACAX DEVICE MINIMUM ORDER CODE MAX6503UKP015 10k ACAM MAX6503UKP005 2.5k ABZX MAX6503UKN005 10k ACAN MAX6503UKN015 2.5k ACFX MAX6503UKN025 10k ACAP MAX6503UKN035 10k ACAQ MAX6503UKN045 10k ADIZ MAX6502UKP095 2.5k ABZW MAX6502UKP085 2.5k ACGA MAX6502UKP075 2.5k ACGB MAX6502UKP065 2.5k ABZV MAX6502UKP055 2.5k ACGC MAX6502UKP045 2.5k ABZU MAX6502UKP035 10k ABZG MAX6501UKP115 2.5k ACAG MAX6501UKP105 10k ACFU MAX6501UKP095 2.5k ABZT MAX6501UKP085 2.5k ACDP MAX6501UKP075 2.5k ACFV MAX6501UKP065 2.5k ABZS MAX6501UKP055 2.5k ACFW MAX6501UKP045 2.5k ABZR MAX6501UKP035 10k ABZF DEVICE MINIMUM ORDER CODE |