データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12N8W6C データシート(PDF) 1 Page - HB Electronic Components

部品番号 SS12N8W6C
部品情報  High radiometric power per LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

SS12N8W6C データシート(HTML) 1 Page - HB Electronic Components

  SS12N8W6C Datasheet HTML 1Page - HB Electronic Components SS12N8W6C Datasheet HTML 2Page - HB Electronic Components SS12N8W6C Datasheet HTML 3Page - HB Electronic Components SS12N8W6C Datasheet HTML 4Page - HB Electronic Components SS12N8W6C Datasheet HTML 5Page - HB Electronic Components SS12N8W6C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part No.:
SS1 2N8W6 C
Features:
High radiometric power per LED
Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
Good color uniformity
NO UV
Superior ESD protection
Easy installation with Screws
High Heat dissipstion Efficiency
Typical Applications:
Reading lights(car,bus,aircraft)
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
Decorative/Entertainment
Dental curing lights
Uplighters/Downlighters
Bollards/Security/Garden
Cove/Undershelf/Task
Indoor/Outdoor Commercial and Residential Architectural
Automotive Ext(stop-Tail-Turn)
Street Lamp
NOTE:
All dimensions are millimeter.
Tolerance is ±0.1mm unless otherwise noted.
It is strongly recommended that the temperature of
lead be not higher than 70℃.
The appearance and specifications of the product may
be modified for improvement without notice.
max
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 1 of 6
Rev:B/3
www.ledz.com


同様の部品番号 - SS12N8W6C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
High radiometric power per LED
More results

同様の説明 - SS12N8W6C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
High radiometric power per LED
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com