データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S486G-S08-R データシート(PDF) 4 Page - Unisonic Technologies

部品番号 S486G-S08-R
部品情報  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486G-S08-R データシート(HTML) 4 Page - Unisonic Technologies

  S486G-S08-R Datasheet HTML 1Page - Unisonic Technologies S486G-S08-R Datasheet HTML 2Page - Unisonic Technologies S486G-S08-R Datasheet HTML 3Page - Unisonic Technologies S486G-S08-R Datasheet HTML 4Page - Unisonic Technologies S486G-S08-R Datasheet HTML 5Page - Unisonic Technologies S486G-S08-R Datasheet HTML 6Page - Unisonic Technologies S486G-S08-R Datasheet HTML 7Page - Unisonic Technologies S486G-S08-R Datasheet HTML 8Page - Unisonic Technologies S486G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S486
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R502-074,C
ELECTRICAL CHARACTERISTICS (Ta = 25°С, GND = 0V, unless otherwise specified)
For VCC = +5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL : RL = 32Ω
0.45
0.5
VOH : RL = 32Ω
4.45
4.52
VOL : RL = 16Ω
0.6
0.7
Output Swing
VOUT
VOH : RL = 16Ω
4.2
4.35
V
Input Offset Voltage
VI(OFF)
VICM = VCC/2
1
mV
Supply Current
ICC
No input signal, no load
1.8
2.5
mA
Stand By Current
ISTB
No input signal, VSTB=GND, RL=32Ω
10
1000
nA
Input Bias Current
II(BIAS)
VICM = VCC/2
90
200
nA
Max Output Current
IOUT
THD+N≤1%,
RL=16Ω connected between out and VCC/2
106
115
mA
RL = 16Ω
102
THD+N = 0.1% Max, F= 1kHz
RL = 32Ω
64
RL = 16Ω
95
108
Output Power
POUT
THD+N = 1% Max, F= 1kHz
RL = 32Ω
60
65
mW
RL = 32Ω, POUT= 60mW, 20Hz≤F≤20kHz
0.3
Total Harmonic Distortion +
Noise (Gv=-1)
THD+N
RL = 16Ω, POUT= 90mW, 20Hz≤F≤20kHz
0.3
%
Power Supply Rejection Ratio
PSRR
inputs grounded(GV=-1)(Note), RL≧16Ω,
CB=1mF, F = 1kHz, VRIPPLE = 200mVPP
53
58
dB
Signal-to-Noise Ratio
SNR
(A weighted, GV=-1)(Note), RL = 32Ω,
THD +N < 0.4%, 20Hz≤F≤20kHz
80
103
dB
RL = 16Ω
80
Channel Separation,
GV=-1, F = 1kHz
RL = 32Ω
83
RL = 16Ω
72
Crosstalk
CT
Channel Separation,
GV=-1, F = 20Hz ~ 20kHz
RL = 32Ω
79
dB
Input Capacitance
CIN
1
pF
Gain Bandwidth Product
GBW
RL = 32Ω
1.1
MHz
Slew Rate
SR
Unity Gain Inverting(RL = 16Ω)
0.4
V/µs
Note: Guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com