| データシートサーチシステム |
|
M35052 データシート(PDF) 8 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35052 データシート(HTML) 8 Page - Mitsubishi Electric Semiconductor |
|
8 / 44 page ![]() MITSUBISHI MICROCOMPUTERS M35052-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 8 Function Let horizontal display start position be HS, HS = T ! ( Σ2nHPn+6) T : The oscillation cycle of display clock Let the slice lines be DVS, DVS = Σ2nDVPn+6 It should be fixed to “0”. Can not be used. VS HS HOR Character displaying area Status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Register HP0 (LSB) HP1 HP2 HP3 HP4 HP5 HP6 HP7 (MSB) DVP0 (LSB) DVP1 DVP2 DVP3 DVP4 (MSB) TEST26 Contents Remarks Set the horizontal display start position by use of HP7 through HP0. HP7 to HP0 = (00000000) to (00001111) setting is forbidden. It can be set this up to 240 steps in increments of one T. Set the slice lines (horizontal scanning lines) under decoding by use of DVP4 through DVP0. DVP4 to DVP0 = (00000) to (00011) setting is forbidden. Thus, it can be defined a setting up to 26 steps covered by a range from line 10 to line 35. Refer to supplemental explanation (2) about slice lines (DVS). DA 0~D 0 1 2 3 4 5 6 7 8 9 A B C D (2) Address F116 7 n=0 4 n=0 |