データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2735XMF/NOPB データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2735XMF/NOPB
部品情報  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB データシート(HTML) 39 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
4
FB
VIN
EN
PGND
AGND
SW
5
6
3
2
1
VIN
VO
PCB
PGND
COUT
CIN
L1
D1
CIN
L2
C6
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Layout Examples (continued)
The layout guidelines described for the LM2735 Boost-Converter are applicable to the SEPIC Converter.
Figure 45 shows a proper PCB layout for a SEPIC Converter.
Figure 45. SEPIC PCB Layout
10.3 Thermal Considerations
When designing for thermal performance, one must consider many variables:
•
Ambient Temperature: The surrounding maximum air temperature is fairly explanatory. As the temperature
increases, the junction temperature will increase. This may not be linear though. As the surrounding air
temperature increases, resistances of semiconductors, wires and traces increase. This will decrease the
efficiency of the application, and more power will be converted into heat, and will increase the silicon junction
temperatures further.
•
Forced Airflow: Forced air can drastically reduce the device junction temperature. Air flow reduces the hot
spots within a design. Warm airflow is often much better than a lower ambient temperature with no airflow.
•
External Components: Choose components that are efficient, and you can reduce the mutual heating
between devices.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59