| データシートサーチシステム |
|
P4SMAJ13 データシート(PDF) 3 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
P4SMAJ13 データシート(HTML) 3 Page - Micro Commercial Components |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS @25°C MCC PART NUMBER REVERSE STAND-OFF VOLTAGE VWM BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP PEAK PULSE CURRENT IPP MAXIMUM REVERSE LEAKAGE @VWM ID MARKING CODE (VOLTS) MIN MAX IT (mA) (VOLTS) (AMPS) ( µA) P4SMAJ6.0 6.0 6.67 8.15 10 11.4 35.1 800 HF P4SMAJ6.0A 6.0 6.67 7.37 10 10.3 38.8 800 HG P4SMAJ6.5 6.5 7.22 8.82 10 12.3 32.5 500 HH P4SMAJ6.5A 6.5 7.22 7.98 10 11.2 35.7 500 HK P4SMAJ7.0 7.0 7.78 9.51 10 13.3 30.1 200 HL P4SMAJ7.0A 7.0 7.78 8.60 10 12.0 33.3 200 HM P4SMAJ7.5 7.5 8.33 10.2 1 14.3 28.0 100 HN P4SMAJ7.5A 7.5 8.33 9.21 1 12.9 31.0 100 HP P4SMAJ8.0 8.0 8.89 10.9 1 15.0 26.5 50 HQ P4SMAJ8.0A 8.0 8.89 9.83 1 13.6 29.4 50 HR P4SMAJ8.5 8.5 9.44 11.5 1 15.9 25.1 10 HS P4SMAJ8.5A 8.5 9.44 10.4 1 14.4 27.7 10 HT P4SMAJ9.0 9.0 10.0 12.2 1 16.9 23.6 5 HU P4SMAJ9.0A 9.0 10.0 11.1 1 15.4 26.0 5 HV P4SMAJ10 10 11.1 13.6 1 18.8 21.2 5 HW P4SMAJ10A 10 11.1 12.3 1 17.0 23.5 5 HX P4SMAJ11 11 12.2 14.9 1 20.1 20.0 5 HY P4SMAJ11A 11 12.2 13.5 1 18.2 22.0 5 HZ P4SMAJ12 12 13.3 16.3 1 22.0 18.1 5 ID P4SMAJ12A 12 13.3 14.7 1 19.9 20.1 5 IE P4SMAJ13 13 14.4 17.6 1 23.8 16.8 5 IF P4SMAJ13A 13 14.4 15.9 1 21.5 18.6 5 IG P4SMAJ14 14 15.6 19.1 1 25.8 15.5 5 IH P4SMAJ14A 14 15.6 17.2 1 23.2 17.2 5 IK P4SMAJ15 15 16.7 20.4 1 26.9 14.8 5 IL P4SMAJ15A 15 16.7 18.5 1 24.4 16.4 5 IM P4SMAJ16 16 17.8 21.8 1 28.8 13.8 5 IN P4SMAJ16A 16 17.8 19.7 1 26.0 15.3 5 IP P4SMAJ17 17 18.9 23.1 1 30.5 13.1 5 IQ P4SMAJ17A 17 18.9 20.9 1 27.6 14.5 5 IR P4SMAJ18 18 20.0 24.4 1 32.2 12.4 5 IS P4SMAJ5.0 thru P4SMAJ170CA P4SMAJ20 20 22.2 27.1 1 35.8 11.1 5 IU P4SMAJ18A 18 20.0 22.1 1 29.2 13.7 5 IT P4SMAJ20A 20 22.2 24.5 1 32.4 12.3 5 IV www.mccsemi.com MCC P4SMAJ5.0 5.0 6.40 7.30 10 9.6 41.6 800 HD P4SMAJ5.0A 5.0 6.40 7.00 10 9.2 43.5 800 HE |