| データシートサーチシステム |
|
SBL3045CT データシート(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SBL3045CT データシート(HTML) 2 Page - Micro Commercial Components |
|
2 / 2 page ![]() www.mccsemi.com MCC FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT NUMBER OF CYCLES AT 60Hz 1 5 10 50 100 2 20 0 50 100 150 200 250 300 FIG.1 - FORWARD CURRENT DERATING CURVE 25 75 100 125 150 10 0 50 40 175 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) FIG.3 - TYPICAL REVERSE CHARACTERISTICS 20 40 120 140 0 0.001 0.1 1.0 100 10 60 80 100 TJ = 100 C 0.01 TJ = 25 C 8.3ms Single Half-Sine-Wave (JEDEC METHOD) 30 0 20 RESISTIVE OR INDUCTIVE LOAD FIG.5 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE , VOLTS 10 1 100 1000 100 10 0.1 CASE TEMPERATURE , C INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.4 - TYPICAL FORWARD CHARACTERISTICS 0.3 0.9 0.1 1.0 10 100 0.5 0.7 0.1 1.1 TJ = 25 C PULSE WIDTH 300us 2% Duty Cycle 4 TJ = 25 C, f= 1MHz RATING AND CHARACTERISTIC CURVES SBL3030CT thru SBL3045CT |