| データシートサーチシステム |
|
M35061 データシート(PDF) 25 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35061 データシート(HTML) 25 Page - Mitsubishi Electric Semiconductor |
|
25 / 41 page ![]() MITSUBISHI MICROCOMPUTERS M35061-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 25 SERIAL DATA INPUT TIMING (1) The address consists of 8 bits ! 3. (2) The data consists of 8 bits ! 3. (3) __ The 8 bits ! 3 in the SCK after the CS signal has fallen are the address, and for succeeding input data, the address is incremented every 24 bits (8 bits ! 3). Refer to Fig.12 about de- tail for address increment. Fig. 11 Serial input timing CS SCK DA7 to DA0 (MSB) (LSB) Address (8 bits ! 3) LSB LSB LSB MSB MSB MSB Data N (8 bits ! 3) Data N + 1(8 bits ! 3) N=1,2,3............ |