データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMLJ40 データシート(PDF) 6 Page - Micro Commercial Components

部品番号 SMLJ40
部品情報  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ40 データシート(HTML) 6 Page - Micro Commercial Components

  SMLJ40 Datasheet HTML 1Page - Micro Commercial Components SMLJ40 Datasheet HTML 2Page - Micro Commercial Components SMLJ40 Datasheet HTML 3Page - Micro Commercial Components SMLJ40 Datasheet HTML 4Page - Micro Commercial Components SMLJ40 Datasheet HTML 5Page - Micro Commercial Components SMLJ40 Datasheet HTML 6Page - Micro Commercial Components SMLJ40 Datasheet HTML 7Page - Micro Commercial Components SMLJ40 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMLJ5.0 C
5.0
6.40
7.30
10
9.6
312.5
2000
IDD
SMLJ5.0 CA
5.0
6.40
7.00
10
9.2
326.0
2000
IDE
SMLJ6.0 C
6.0
6.67
8.15
10
11.4
263.2
2000
IDF
SMLJ6.0 CA
6.0
6.67
7.37
10
10.3
291.3
2000
IDG
SMLJ6.5 C
6.5
7.22
8.82
10
12.3
243.9
1000
IDH
SMLJ6.5 CA
6.5
7.22
7.98
10
11.2
267.9
1000
IDK
SMLJ7.0 C
7.0
7.78
9.51
10
13.3
225.6
400
IDL
SMLJ7.0 CA
7.0
7.78
8.60
10
12.0
250.0
400
IDM
SMLJ7.5 C
7.5
8.33
10.20
1
14.3
209.8
200
IDN
SMLJ7.5 CA
7.5
8.33
9.21
1
12.9
232.6
200
IDP
SMLJ8.0 C
8.0
8.89
10.9
1
15.0
200.0
100
IDQ
SMLJ8.0 CA
8.0
8.89
9.83
1
13.6
220.6
100
IDR
SMLJ8.5 C
8.5
9.44
11.50
1
15.9
168.8
50
IDS
SMLJ8.5 CA
8.5
9.44
10.40
1
14.4
208.4
50
IDT
SMLJ9.0 C
9.0
10.0
12.2
1
16.9
177.4
20
IDU
SMLJ9.0 CA
9.0
10.0
11.1
1
15.4
194.8
20
IDV
SMLJ10 C
10
11.1
13.6
1
18.8
159.6
5
IDW
SMLJ10 CA
10
11.1
12.3
1
17.0
176.4
5
IDX
SMLJ11 C
11
12.2
14.9
1
20.1
149.2
5
IDY
SMLJ11 CA
11
12.2
13.5
1
18.2
184.8
5
IDZ
SMLJ12 C
12
13.3
16.3
1
22.0
136.4
5
IED
SMLJ12 CA
12
13.3
14.7
1
19.9
150.6
5
IEE
SMLJ1 3C
13
14.4
17.6
1
23.8
126.0
5
IEF
SMLJ13 CA
13
14.4
15.9
1
21.5
139.4
5
IEG
SMLJ14 C
14
15.6
19.1
1
25.8
116.2
5
IEH
SMLJ14 CA
14
15.6
17.2
1
23.2
129.4
5
IEK
SMLJ15 C
15
16.7
20.4
1
26.9
111.6
5
IEL
SMLJ15 CA
15
16.7
18.5
1
24.4
123.0
5
IEM
SMLJ16C
16
17.8
21.8
1
28.8
104.2
5
IEN
SMLJ16 CA
16
17.8
19.7
1
26.0
115.4
5
IEP
SMLJ17 C
17
18.9
23.1
1
30.5
98.4
5
IEQ
SMLJ17 CA
17
18.9
20.9
1
27.6
106.6
5
IER
SMLJ18 C
18
20.0
24.4
1
32.2
93.2
5
IES
SMLJ18 CA
18
20.0
22.1
1
29.2
102.8
5
IET
SMLJ20 C
20
22.2
27.1
1
35.8
83.8
5
IEU
SMLJ20 CA
20
22.2
24.1
1
32.4
92.6
5
IEV
SMLJ22 C
22
24.4
29.8
1
39.4
76.2
5
IEW
SMLJ22 CA
22
24.4
26.9
1
35.5
84.4
5
IEX
SMLJ24 C
24
26.7
32.6
1
43.0
69.8
5
IEY
SMLJ24 CA
24
26.7
29.5
1
38.9
77.2
5
IEZ
SMLJ26 C
26
28.9
35.3
1
46.6
64.4
5
IFD
SMLJ26 CA
26
28.9
31.9
1
42.1
71.2
5
IFE
www.mccsemi.com
MCC



Html Pages

1 2 3 4 5 6 7 8