| データシートサーチシステム |
|
U74HC165G-P16-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC165G-P16-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() U74HC165 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R502-A44.B ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ 7 V VCC or GND Current ICC ±50 mA Output Current IOUT ±25 mA Input Clamp Current IIK ±20 mA Output Clamp Current IOK ±20 mA Storage Temperature TSTG -65 ~ + 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL RESISTANCES PARAMETER SYMBOL RATINGS UNIT Junction to Ambient SOP-16 θJA 73 °C/W TSSOP-16 110 RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 2 5 6 V High-level Input Voltage VIH VCC=2V 1.5 V VCC=4.5V 3.15 VCC=6V 4.2 Low-level Input Voltage VIL VCC=2V 0.5 V VCC=4.5V 1.35 VCC=6V 1.8 Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V Input Transition (Rise and Fall) Time tt VCC=2V 1000 ns VCC=4.5V 500 VCC=6V 400 Operating Free-air Temperature TA -40 +85 °C ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage High-Level VOH VCC=2V, IOH=-20μA 1.9 1.998 V VCC=4.5V, IOH=-20μA 4.4 4.499 VCC=6V, IOH=-20μA 5.9 5.999 VCC=4.5V, IOH=-4mA 3.98 4.3 VCC=6V, IOH=-5.2mA 5.48 5.8 Output Voltage Low-Level VOL VCC=2V, IOL=20μA 0.002 0.1 V VCC=4.5V, IOL=20μA 0.001 0.1 VCC=6V, IOL=20μA 0.001 0.1 VCC=4.5V, IOL=4mA 0.17 0.26 VCC=6V, IOL=5.2mA 0.15 0.26 Input Leakage Current II(LEAK) VCC=6V, VIN= VCC or GND ±0.1 ±100 nA Quiescent Supply Current ICC VCC=6V, VIN=VCC or GND, IOUT=0 8 μA Input Capacitance CI VCC=2V to 6V 3 10 pF TIMING REQUIREMENTS (TA =25°C , unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Clock frequency fclock VCC=2V 0 6 MHz VCC=4.5V 0 31 VCC=6V 0 36 |