| データシートサーチシステム |
|
M35062 データシート(PDF) 8 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35062 データシート(HTML) 8 Page - Mitsubishi Electric Semiconductor |
|
8 / 44 page ![]() 8 MITSUBISHI MICROCOMPUTERS M35062-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS VSZ0 VSZ1 VSZ2 VSZ3 VSZ4 VSZ5 VSZ6 VSZ7 VSZ8 VSZ9 VSZ10 VSZ11 VSZ12 VSZ13 VSZ14 VSZ15 VSZ16 HIDE TEST20 EQP TEST12 — — — 0 1 2 3 4 5 6 7 8 9 A B C D E F 10 11 12 13 14 15 16 17 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 (3) Address 2AA16 Status DA Register Contents Function Remarks Set to line 0 of display RAM Set to line 1 of display RAM Set to line 2 of display RAM Set to line 3 of display RAM Set to line 4 of display RAM Set to line 5 of display RAM Set to line 6 of display RAM Set to line 7 of display RAM Set to line 8 of display RAM Set to line 9 of display RAM Set to line 10 of display RAM Set to line 11 of display RAM Set to line 12 of display RAM Set to line 13 of display RAM Set to line 14 of display RAM Set to line 15 of display RAM Set to line 16 of display RAM VSZx 0 1 Vertical direction character size 1H/dot 2H/dot H: Horizontal synchronous pulse SYRAM writting over SYRAM writting over or character erasing Test mode (Must be cleared to 0.) It does not include equivalent pulse. It includes equivalent pulse. Test mode (Must be cleared to 0.) Must be cleared to 0. Decided by register LINER, G and B or DAC bit (SYEX) of SYRAM. |