| データシートサーチシステム |
|
LM2575-12BWM データシート(PDF) 7 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
LM2575-12BWM データシート(HTML) 7 Page - Micrel Semiconductor |
|
7 / 9 page ![]() April 2005 7 M9999-042205 LM2575 Micrel, Inc. LM2575 + 100 µF +VIN 1 3 GND 5 ON/OFF 2 OUTPUT 4 FEEDBACK L1 330 µH + D1 MBR360 COUT 470µF R2 R1 VOUT 5.00V 7V - 40V UNREGULATED DC INPUT CIN L O A D CIN — 100µF, 75V Aluminum Electrolytic COUT — 470µF, 15V Aluminum Electrolytic D1 — Schottky, MBR360 L1 — 330µH, 415-0926 (AIE) R1 — 1k, 0.01% R2 — 3.065k, 0.01% 5-pin TO-220 socket—2936 (Loranger Mfg. Co.) 4-pin TO-3 socket—8112-AG7 (Augat Inc.) LM2575-5.0 + 100 µF +VIN 1 3 GND 5 ON/OFF 2 OUTPUT 4 FEEDBACK L1 330 µH + D1 MBR360 COUT 220µF VOUT 5.00V Note: Pin numbers are for TO-220 Package 7V - 40V UNREGULATED DC INPUT CIN CIN — 100µF, 75V Aluminum Electrolytic COUT — 330µF, 15V Aluminum Electrolytic D1 — Schottky, MBR360 L1 — 330µH, 415-0926 (AIE) 5-pin TO-220 socket—2936 (Loranger Mfg. Co.) 4-pin TO-3 socket—8112-AG7 (Augat Inc.) L O A D ON/OFF COMPARATOR FIXED GAIN ERROR AMP 1 AMP SWITCH OUTPUT DRIVER + - + - VIN FEED- BACK 1.23V BAND-GAP REFERENCE 52 kHz OSCILLATOR RESET THERMAL SHUTDOWN CURRENT LIMIT 5 2 3 1 Note: Pin numbers are for the TO-220 package INTERNAL REGULATOR ON/OFF GND ON/OFF COMPARATOR FIXED GAIN ERROR AMP 1 AMP SWITCH OUTPUT DRIVER + - + - VIN FEED- BACK 1.23V BAND-GAP REFERENCE 52 kHz OSCILLATOR RESET THERMAL SHUTDOWN CURRENT LIMIT 5 2 3 1 4 INTERNAL REGULATOR ON/OFF GND 3.1k 1.0k 4 Typical Performance Characteristics (Circuit of Figure 1) Block Diagrams As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients which can cause problems. For minimal stray inductance and ground loops, the length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results. Switching Waveforms 10V 0 1A 0 1A .5A 0 A B C D Load Transient Response 100µS/div. +100mV 0 –100mV Output Voltage Change 1.0A 0.5A 0 Output Current VOUT = 5V A: Output pin voltage 10V/div B: Output pin current 1A/div C: Inductor current 0.5A/div D: Output ripple voltage 20 mV/div. AC coupled Horizontal Time Base: 5µs/div VOUT = 5V VIN = 20V Fixed Regulator Adjustable Regulator Test Circuits and Layout Guidelines Figure 1. |