データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC2026 データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 MIC2026
部品情報  Dual-Channel Power Distribution Switch Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026 データシート(HTML) 2 Page - Micrel Semiconductor

  MIC2026 Datasheet HTML 1Page - Micrel Semiconductor MIC2026 Datasheet HTML 2Page - Micrel Semiconductor MIC2026 Datasheet HTML 3Page - Micrel Semiconductor MIC2026 Datasheet HTML 4Page - Micrel Semiconductor MIC2026 Datasheet HTML 5Page - Micrel Semiconductor MIC2026 Datasheet HTML 6Page - Micrel Semiconductor MIC2026 Datasheet HTML 7Page - Micrel Semiconductor MIC2026 Datasheet HTML 8Page - Micrel Semiconductor MIC2026 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2026/2076
Micrel
MIC2026/2076
2
March 2000
Ordering Information
Part Number
Enable
Temperature Range
Package
MIC2026-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2026-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2026-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2026-2BN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2076-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2076-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2076-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2076-2BN
Active Low
–40
°C to +85°C
8-pin DIP
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
Switch A Enable (Input): Logic-compatible enable input. Active high (-1) or
active low (-2).
2
FLGA
Fault Flag A (Output): Active-low, open-drain output. Indicates overcurrent
or thermal shutdown conditions. Overcurrent conditions must last longer
than t
D in order to assert FLGA.
3
FLGB
Fault Flag B (Output): Active-low, open-drain output. Low indicates
overcurrent or thermal shutdown conditions.Overcurrent conditions must last
longer than t
D in order to assert FLGB.
4
ENB
Switch B Enable (Input): Logic-compatible enable input. Active-high (-1) or
active-low (-2).
5
OUTB
Switch B (Output)
6
GND
Ground
7
IN
Input: Switch and logic supply input.
8
OUTA
Switch A (Output)
Pin Configuration
1
2
3
4
8
7
6
5
OUTA
IN
GND
OUTB
ENA
FLGA
FLGB
ENB
MIC2026/76
8-Lead SOP (BM)
8-Pin DIP (BN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com